PART |
Description |
Maker |
2N5152LJV |
2000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
SEMICOA CORP
|
M20BL2D |
2000 mA, 85 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
PANASONIC CORP
|
2SD773 2SD773U4 2SD773-L2-AZ |
2000 mA, 16 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 2A I(C) | TO-221VAR NPN SILICON TRANSISTOR From old datasheet system
|
NEC Corp. NEC[NEC]
|
BDP955-E6433 |
3000 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
SIEMENS A G
|
2N5682.MODE1 |
1000 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
SEMELAB LTD
|
2SC5832 2SC5832-TL |
2000 mA, 55 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Planar Silicon Transistor
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
CE1A3Q CE1A3Q-T CE1A3Q-T-A |
2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR COMPOUND TRANSISTOR Hybrid transistor TRANS DIGITAL BJT NPN 70V 2000MA 3SP-8 T/R
|
NEC Corp. NEC[NEC] NEC Electronics
|
2SC4504C1-TD 2SA1575C1-TD 2SA1740E2-TD 2SA1575D-TD |
300 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 100 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 200 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243
|
SANYO SEMICONDUCTOR CO LTD
|
2SD198009 2SD1980TL |
Power Transistor (100V, 2A) 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rohm
|
BC639ZL1G |
General Purpose Transistor NPN; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226
|
ON Semiconductor
|
|